PART |
Description |
Maker |
MPAT-02000220-3706 MPAT-10701250-6020 MPAT-0750085 |
2000 MHz - 2200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.7 dB INSERTION LOSS-MAX 10700 MHz - 12500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7500 MHz - 8500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.8 dB INSERTION LOSS-MAX 7900 MHz - 8400 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 7250 MHz - 7750 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX 2100 MHz - 2700 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.5 dB INSERTION LOSS-MAX 17700 MHz - 20200 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 17300 MHz - 18100 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 3 dB INSERTION LOSS-MAX 12750 MHz - 13250 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.5 dB INSERTION LOSS-MAX 5845 MHz - 6430 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 2.2 dB INSERTION LOSS-MAX
|
MITEQ, Inc.
|
2902049 |
Temperature transducers for resistance thermometers and remote resistance-type sensors
|
PHOENIX CONTACT
|
DSP56364 DSP56364D |
RESISTOR, 330R 25PPM 0.1% 0805; Series:PCF-P; Resistance:330R; Tolerance, resistance:0.1%; Power rating:0.1W; Temperature, operating range:-55 24-Bit Audio Digital Signal Processor
|
Motorola, Inc. Motorola Inc
|
AA104-73 |
0.03 MHz - 2500 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 1.3 dB INSERTION LOSS-MAX GaAs IC 1 Bit Digital Attenuator 32 dB 2.5 GHz
|
Alpha Industries, Inc. ALPHA[Alpha Industries] Alpha Industries Inc
|
CAT15066 |
GaAs 6 Section Attenuator 40 MHz - 800 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 7.5 dB INSERTION LOSS-MAX
|
DAICO[DAICO Industries, Inc.]
|
RF2420 RF2420PCBA |
PROGRAMMABLE ATTENUATOR 0 MHz - 950 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 6 dB INSERTION LOSS-MAX
|
RF Micro Devices, Inc. RFMD[RF Micro Devices]
|
HT9274 9274 |
Power Resistor; Series:TGH; Resistance:5kohm; Resistance Tolerance: /- 5 %; Power Rating:200W; Mounting Type:Chasis/Heat-Sink; Packaging:Bulk Quad Micropower Op Amp From old datasheet system
|
Holtek Semiconductor Inc.
|
HMC424LP3E HMC424LP309 |
0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 13 GHz 0 MHz - 13000 MHz RF/MICROWAVE VARIABLE ATTENUATOR, 4.6 dB INSERTION LOSS-MAX
|
Hittite Microwave Corporation Hittite Microwave Corporati...
|
AV113-12 |
HIP3?Variable Attenuator 2.10-2.30 GHz HIP3Variable Attenuator 2.10-2.30 GHz HIP3⑩可变衰减器2.10-2.30千兆
|
Alpha Industries, Inc.
|
AP0603GH-HF14 |
Low On-resistance Low On-resistance, Fast Switching Characteristic
|
Advanced Power Electronics Corp. Advanced Power Electron...
|
EL5132 EL5132IS-T7 EL5132IS EL5133IW-T7A EL5132IS- |
Rheostat; Series:RLS; Power Rating:150W; Resistance Max:25ohm; Terminal Type:Lugs; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Number of Turns:1; Resistance:25ohm 670MHZ LOW NOISE AMPLIFIERS
|
INTERSIL[Intersil Corporation]
|